PART |
Description |
Maker |
AM3064-70/BZC AM3064-50GI175 AM3064-50JC068 AM3090 |
10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) DIE SALE, 2.7V, 7 MIL(BIOS FLASH) 10MS, 8 SAP, IND, ROHS-B, 2.7V(BIOS FLASH) 8-SOIC,AUTO TEMP,2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, 2.7V(SERIAL EE) 10MS, 8 PDIP, EXT TEMP, GREEN,2.7V(SERIAL EE) 10MS, 8 TSSOP, INT TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 PDIP, INT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE 1.8V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN,2.7V(SERIAL EE) 8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA 10MS, 8 SOIC, INT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE)
|
Stackpole Electronics, Inc. Ecliptek, Corp. Analog Devices, Inc. Glenair, Inc.
|
MCSO1HV MCSO1HV_C MCSO1V_TBE MCSO1HV/C |
3.3V CMOS Oscillator Mil Temp
|
GOLLEDGE[Golledge Electronics Ltd]
|
MCSO1 MCSO1V |
From old datasheet system 3.3V SM OSCILLATOR MIL TEMP
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BYV40E BYV40E-150 BYV40E-200 BYV40ESERIES |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes Low drop fixed and adjustable positive voltage regulators Rectifier diodes ultrafast, rugged
|
Philips Semiconductors NXP Semiconductors
|
ATV5100-30UM |
30NS, PGA, MIL TEMP(EPLD) UV PLD, 35 ns, CPGA68
|
Atmel, Corp.
|
AM4J-67205L-45 AM4J-67205V-45 AM4J-67205V-25 AM4J- |
90NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, PDIP, IND TEMP(EEPROM) 70NS, PLCC, IND TEMP(EEPROM) 90NS, PLCC, IND TEMP(EEPROM) 120NS, TSOP, IND TEMP(EEPROM) Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) x9 Asynchronous FIFO X9热卖异步FIFO 70NS, PDIP, IND TEMP(EEPROM) X9热卖异步FIFO Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Panasonic, Corp. Bourns, Inc. Advanced Monolithic Systems, Inc. Cypress Semiconductor, Corp. Alpha Wire Company
|
677 0677.500 06771.25 0677.800 0677.630 0677.400 0 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight NTC Thermistor; Resistance:50kohm; Thermistor Tolerance: /- 10%; Mounting Type:Through Hole; Operating Temp. Max:300 C; Operating Temp. Min:-60 C; Package/Case:DO-35; Power Rating:2.5mW/ C; Resistance Ratio:9.1 轴向引线和墨盒保险丝-陶瓷 Axial Lead and Cartridge Fuses - Ceramic Body 轴向引线和墨盒保险丝-陶瓷
|
Littelfuse, Inc. http://
|
PVZ3A502A01B00 PVZ3A501A01B00 PVZ3A201A01B00 PVZ3A |
16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, MLF, COM TEMP(MCU AVR) 8MHZ, PDIP, COM TEMP(MCU AVR) 修边机贴200R 8MHZ, PDIP, IND TEMP, GREEN(MCU AVR) IN-UNSAWN WAFER 7 MIL(MCU AVR) 8MHZ, PDIP, IND TEMP(MCU AVR) 8MHZ, MLF, COM TEMP(MCU AVR)
|
Panasonic Industrial Solutions
|
XC6372F XC6372 XC6372A XC6372B XC6372C XC6372D XC6 |
LINEAR HALL EFFECT SENSOR, DFN-6; Temp, op. min:-20(degree C); Temp, op. max:85(degree C); Pins, No. of:6; Case style:DFN; Base number:1395; Termination Type:SMD; Temperature, operating range:-20(degree C) to (degree C) RoHS Compliant: Yes XC6372
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
UT1553RTMP-WCA UT1553RTMP-WCC UT1553RTMP-WPC |
Remote terminal multi-protocol. Flow mil-temp. Lead finish solder. Remote terminal multi-protocol. Flow mil-temp. Lead finish gold. Remote terminal multi-protocol. Flow phototype. Lead finish gold.
|
Aeroflex Circuit Technology
|
AM79C30APCB AM79C30AJCB |
10MS, DIE, 1.8V, 11 MIL THICKNESS(SERIAL EE) 10MS, DBGA2, IND TEMP, GREEN, 1.8V(SERIAL EE) ISDN线路接口
|
Advanced Micro Devices, Inc.
|
ISL95870BHRZ ISL95870BHRZ-T ISL95870 ISL95870HRUZ- |
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator; Temperature Range: Hi-Temp Commercial; Package: 16 Ld uTQFN T R
|
http:// Intersil Corporation
|
|